Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download 48201-6156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0482016156 status: active description: d-subminiature shielded i/o pcb female receptacle, right angle, through hole, 15 circuits, #4-40 flush insert, 2 #4-40 hex internal thread screws included, 0.38m (15") gold (au) plating, pcb thickness 1.60mm (.063"), lead free documents: 3d model product specification ps-48201-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 48201 application wire-to-board comments shell: steel component type receptacle product name d-sub type n/a physical boot color n/a circuits (loaded) 15 circuits (maximum) 15 color - resin black gender female lock to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 orientation right angle pc tail length (in) 0.125 in pc tail length (mm) 3.18 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount yes pitch - mating interface (in) 0.054 in pitch - mating interface (mm) 1.38 mm pitch - term. interface (in) 0.054 in pitch - term. interface (mm) 1.38 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) no temperature range - operating -55c to +85c termination interface: style through hole waterproof / dustproof no wire size awg n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 48201 series mates with 48202 d-sub male plug
electrical current - maximum per contact 1a shield type full shield shielded yes voltage - maximum 300v dc solder process data lead-free process capability wave capable (th only) process temperature max. c 260 material info reference - drawing numbers product specification ps-48201-001 sales drawing sd-48201-001 this document was generated on 03/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 48201-6156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X